Part Number Hot Search : 
FZ1200 0265R 31051 1691A 74ACT3 55301 SCT61110 BR101
Product Description
Full Text Search
 

To Download SMA5112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMA5112
Absolute maximum ratings
Symbol VDSS VGSS ID ID(pulse) EAS* PT Ratings 250 20 7 15 (PW1ms, Du1%) 55
N-channel 3-phase DC motor 100V AC direct drive
Electrical characteristics
Symbol V(BR)DSS IGSS IDSS VTH Re(yfs) RDS(ON) Ciss Coss td(on) tr td(off) tf VSD trr Specification min typ max 250 100 100 2.0 4.0 2.5 5.0 0.4 0.5 450 280 20 30 55 75 1.0 1.5 600 Unit V nA A V S pF pF ns ns ns ns V ns
External dimensions B
***
SMA
(Ta=25C)
(Ta=25C)
Unit V V A A mJ W W C/W C/W C C
Conditions ID=100A, VGS=0V VGS=20V VDS=250V, VGS=0V VDS=10V, ID=1mA VDS=10V, ID=3.5A VGS=10V, ID=3.5A VDS=10V, f=1.0MHz, VGS=0V ID=3.5A, VDD 100V, RL=28.6, VGS=10V, see Fig. 3 on page 16. ISD=7A, VGS=0V ISD=100mA
j-a j-c Tch Tstg
4 (Ta=25C, with all circuits operating, without heatsink) 35 (Tc=25C,with all circuits operating, with infinite heatsink) 31.2 (Junction-Air, Ta=25C, with all circuits operating) 3.57 (Junction-Case, Tc=25C, with all circuits operating) 150 -40 to +150
* : VDD=25V, L=2.0mH, ID=7A, unclamped, RG=50, see Fig. E on page 15.
sEquivalent circuit diagram
1
2
8 4
9 6 10 5 12 11
3
7
Characteristic curves
ID-VDS Characteristics (Typical)
7
10V
6V 5.5V
ID-VGS Characteristics (Typical)
7 6
RDS(ON)-ID Characteristics (Typical)
0.5
(VDS=10V)
(VGS=10V)
6 5
0.4
5
()
ID (A)
3 2
40C
ID (A)
3 2 1
VGS=4V
RDS
125 C 25 C
TC=-
(ON)
4
5V
0.3
4
0.2
4.5V
0.1
1 0 0
0 0
2
4
6
8
10
VDS (V)
2
4
6
8
0 0
1
2
3
4
5
6
7
VGS (V)
ID (A)
Re(yfs)-ID Characteristics (Typical)
(VDS=10V)
10
RDS(ON)-TC Characteristics (Typical)
1.0
Capacitance-VDS Characteristics (Typical)
2000 1000
ID=3.5A VGS=10V
VGS=0V f=1MHz
5
0 -4 T C 25 C 5 12
C=
0.8
500
(ON)
0.6
Capacitance (pF)
C
Ciss
Re (yfs) (S)
()
100 50
Coss
RDS
1
0.4
0.2
10 5
Crss
0.5 0.3 0.05
0 -40
0.1
0.5
1
57
0
50
100
150
2 0
10
20
30
40
50
ID (A)
TC (C)
VDS (V)
IDR-VSD Characteristics (Typical)
7 6 5 20 10 5
Safe Operating Area (SOA)
(TC=25C)
ID (pulse) max
PT-Ta Characteristics
40 35 30 25
W ith
10
0 s
With Silicone Grease Natural Cooling All Circuits Operating
1m
s
10
m
s
IDR (A)
4 3 2
5.10V
ot
)
1 0.5
PT (W)
ID (A)
RDS (ON) LIMITED
(1
sh
20 15 10
f In in ite s at He k in
VGS=0V
1 0 0
0.1 0.5 1.0 1.5 0.05 3
5 Without Heatsink 0
5
10
50
100
500
0
50
100
150
VSD (V)
VDS (V)
Ta (C)
106


▲Up To Search▲   

 
Price & Availability of SMA5112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X